PART |
Description |
Maker |
NRD4004TR-5KF NRD4001TR-5KF |
Surface Mount Silicon Rectifi er Diode 1 A, 50 V, SILICON, SIGNAL DIODE, DO-214AC
|
NIC-Components Corp. NIC COMPONENTS CORP
|
SBT80-06GS |
60V, 8A Rectifi er
|
Sanyo Semicon Device
|
APT75DL60B APT75DL60BG APT75DL60S APT75DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
DBB08 DBB08G-TM-E |
0.8A Single-Phase Bridge Rectifi er
|
ON Semiconductor
|
APT50DL60B APT50DL60BG APT50DL60S APT50DL60SG |
Ultrasoft Recovery Rectifi er Diode
|
Microsemi Corporation
|
CMIDSH1-3 PB-CMIDSH1-1509 |
CMJ0130_CMJH180 1.0A, 30V Low VF Schottky Rectifi er
|
Central Semiconductor Corp Central Semiconductor C...
|
RE0208M |
Fast Recovery Diode for Flash Circuit 800V, 200mA Rectifi er
|
Sanyo Semicon Device
|
CBR1-D100 CBR1-D010 CBR1-D020 CBR1-D040 CBR1-D060 |
SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE SILICON BRIDGE RECTIFIER 1AMP, 100 THRU 1000 VOLTS 1 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE From old datasheet system Leaded Bridge Rectifier General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
CBRHDSH1-200 CBRLD1SERIES |
SURFACE MOUNT HIGH DENSITY 1 AMP SILICON SCHOTTKY BRIDGE RECTIFIER 1.0A, 40V thru 200V Schottky Bridge Rectifier in the HD DIP package 1.0A, 200V thru 1000V Bridge Rectifi ers
|
Central Semiconductor Corp
|
2A06 2A05 2A07 2A02 2A01 2A01-AP 2A07-BP |
2 Amp Silicon Rectifier 50 to 1000 Volts 2 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components
|
RA506 RA505 RA502 RA507 RA501 RA503 RA504 |
50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts 50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts 50 A, 1000 V, SILICON, RECTIFIER DIODE 50.0 Amp High Current Plastic Silicon Rectifier 50 to 1000 Volts 50 A, 800 V, SILICON, RECTIFIER DIODE
|
Micro Commercial Compon... MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|